| データシートサーチシステム |
|
PCF7936AS データシート(PDF) 25 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF7936AS データシート(HTML) 25 Page - NXP Semiconductors |
|
25 / 32 page ![]() NXP Semiconductors Product Specification Security Transponder (HITAG2) PCF7936AS 2010 May 04 25 CONFIDENTIAL 8 EEPROM CONTENT AT DELIVERY The PCF7936AS EEPROM content is initialized during device manufacturing, according to Table 5. However the EEPROM content may be modified as desired by the application, except for the page 0 block 0 which holds the Identifier (IDE) and serves the function of a serial number and product type ID. Table 5. EEPROM Content Upon Delivery bit 31 bit 0 Content [HEX] Page Note XX XX XX 1X 0 1 4D 49 4B 52 1 XX XX XX XX 2 06 AA 48 54 3 2 XX XX XX XX 4 XX XX XX XX 5 XX XX XX XX 6 XX XX XX XX 7 Note 1. Bit 7 to 4 of the this page (Identifier) serve the function of a product type (application) identifier and are set to ‘0001’ for the PCF7936AS. 2. Initially the device is configured for Password mode with the Transport Key (Password Basestation, PSW B, as specified (page1). The customer as desired for the application may change the configuration. 3. Locations marked ‘X’ are undefined and may hold any pattern. |