| データシートサーチシステム |
|
PCF7936AS データシート(PDF) 13 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF7936AS データシート(HTML) 13 Page - NXP Semiconductors |
|
13 / 32 page ![]() NXP Semiconductors Product Specification Security Transponder (HITAG2) PCF7936AS 2010 May 04 13 CONFIDENTIAL 7.3 Command Set Device operation is controlled by commands issued from the basestation. Table 4 gives a comprehensive summary of the applicable commands in alphabetic order. Command operation and acceptance depend on the actual device state in which the command is being issued as well as on the device configuration (Password/Cipher Mode), see also section 7.2. A command being issued in a different state may cause an error condition. Table 4. Command Set Summary NAME DESCRIPTION APPLICABLE DEVICE STATE HALT Forces the device to enter the HALT state AUTHORIZED READ_PAGE Reads 32 bit from the designated memory page, if not restricted by the corresponding memory protection flags or by specification AUTHORIZED READ_PAGE_INV Reads 32 bit from the designated memory page, if not restricted by the corresponding memory protection flags or by specification. The content of the page is returned in inverse polarity. AUTHORIZED START_AUTH Starts the device authentication sequence WAIT WRITE_PAGE Writes 32 bit to the designated memory page, if not restricted by the corresponding memory protection flags or by specification AUTHORIZED |