データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST33TPHF20SPI データシート(PDF) 6 Page - STMicroelectronics

部品番号 ST33TPHF20SPI
部品情報  Trusted Platform Module
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST33TPHF20SPI データシート(HTML) 6 Page - STMicroelectronics

Back Button ST33TPHF20SPI Datasheet HTML 2Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 3Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 4Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 5Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 6Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 7Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 8Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 9Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
FIPS140-2 SECURITY POLICY
Page 6 of 47
NON-PROPRIETARY DOCUMENT
1.2.4
AAF0 / AAF1
These configurations of the security module implement both version 1.2 and version 2.0 of the
Trusted Computing Group (TCG) specification for Trusted Platform Modules (TPM). Versions
are exclusive and security module manufactured will operate in a default mode (TPM1.2 or
TPM2.0) depending on the configuration.
The current FIPS 140-2 level2 security policy applies to these security module configurations
when the module is irreversibly locked in TPM2.0 mode (cf. §1.7.3 for mode lock
recommendations). As a consequence the TPM FW version 1.2 is excluded from the security
requirements of FIPS 140-2.
Table 4: Security module configurations
Module configuration
Product name /
HW version
ST33TPHF2ESPI/
ST33HTPH revision A
Package
TSSOP28
VQFN32
TSSOP28
VQFN32
Part number
ST33HTPH2E28
AAF0
ST33HTPH2E32
AAF0
ST33HTPH2E28
AAF1
ST33HTPH2E32
AAF1
Default mode
TPM1.2
TPM2.0
Marking
P68HAAF0
P68HAAF1
FW version
49.00 / 49.041
Figure 7: Picture of the Cryptographic Module (TSSOP28)
– Marking
Figure 8: Picture of the Cryptographic Module (VQFN32)
– Marking
P68HAAF0 corresponds to the module configured by default in TPM1.2 execution mode. This
module is listed as it can be configured in TPM2.0 execution mode as described in §1.7.
P68HAAF1 corresponds to the module configured by default in TPM2.0 execution mode.
1 The default FW version of this configuration is 49.00. To operate with FW version 49.04, module FW
must be first field upgraded from 49.00 to 49.04.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47