| データシートサーチシステム |
|
ST33TPHF20SPI データシート(PDF) 42 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST33TPHF20SPI データシート(HTML) 42 Page - STMicroelectronics |
|
42 / 47 page ![]() FIPS140-2 SECURITY POLICY Page 42 of 47 NON-PROPRIETARY DOCUMENT 6 OPERATIONAL ENVIRONMENT Module operational environment is “limited modifiable” because TPM FW can only be modified through field upgrade service (use of TPM2_FieldUpgradeStart and TPM2_FieldUpgradeData commands). The Non-upgradable code blocks are non-modifiable. FIPS 140-2 level 1 & 2 operational environment requirements of [FIPS 140-2] section 4.6.1 are then not applicable to the security module. New firmware versions within the scope of this validation must be validated through the FIPS 140-2 CMVP. Any other firmware loaded into this module is out of the scope of this validation and require a separate FIPS 140-2 validation. |