| データシートサーチシステム |
|
ST33TPHF20SPI データシート(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST33TPHF20SPI データシート(HTML) 31 Page - STMicroelectronics |
|
31 / 47 page ![]() FIPS140-2 SECURITY POLICY Page 31 of 47 NON-PROPRIETARY DOCUMENT Services Role Keys and CSP access W = write, O = output, Z = zeroize C = used as key in cryptographic operation R = read (and not used as C) Authorized in limited approved mode 46 TPM2_SetCommandCodeAuditStat us CO R : 13, 18 C : 9, 11, 15, 27 Integrity collection (PCR) 47 TPM2_PCR_Extend U R : 18 C : 27 48 TPM2_PCR_Event U R : 18 W : 28, 38, 48 C : 27, 28, 38 49 TPM2_PCR_Read NA - X 50 TPM2_PCR_Allocate CO R : 13, 18 C : 9, 27 53 TPM2_PCR_Reset NA - 54 _TPM_Hash_Start NA - X 55 _TPM_Hash_Data NA - X 56 _TPM_Hash_End NA - X Enhanced authorization commands 57 TPM2_PolicySigned NA C: 28 58 TPM2_PolicySecret U R : 18 W : 28, 38, 48 C : 9, 10, 11, 12, 17, 24, 27, 28, 38, 48 59 TPM2_PolicyTicket NA W : 28 C: 28 60 TPM2_PolicyOR NA - 61 TPM2_PolicyPCR NA W : 28 C: 28 62 TPM2_PolicyLocality NA - 63 TPM2_PolicyNV U R : 18 W : 28 C : 27, 28 64 TPM2_PolicyCounterTimer NA W : 28 C: 28 65 TPM2_PolicyCommandCode NA - 66 TPM2_PolicyPhysicalPresence NA - 67 TPM2_PolicyCpHash NA W : 28 C: 28 68 TPM2_PolicyNameHash NA W : 28 C: 28 69 TPM2_PolicyDuplicationSelect NA W : 28 C: 28 70 TPM2_PolicyAuthorize NA W : 28 C: 28 71 TPM2_PolicyAuthValue NA - 72 TPM2_PolicyPassword NA - 73 TPM2_PolicyGetDigest NA W : 28 C: 28 74 TPM2_PolicyNvWritten NA - Hierarchy commands |