| データシートサーチシステム |
|
ST33TPHF20SPI データシート(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST33TPHF20SPI データシート(HTML) 34 Page - STMicroelectronics |
|
34 / 47 page ![]() FIPS140-2 SECURITY POLICY Page 34 of 47 NON-PROPRIETARY DOCUMENT Services Role Keys and CSP access W = write, O = output, Z = zeroize C = used as key in cryptographic operation R = read (and not used as C) Authorized in limited approved mode 110 TPM2_NV_Certify U W : 28, 38, 48 R : 25 C : 27, 28, 38, 48 Proprietary commands 111 TPM2_SetMode CO W : 28, 38, 48 C : 27, 28, 38, 48 112 TPM2_SetCommandSet CO W : 28, 38, 48 C : 27, 28, 38, 48 113 TPM2_RestoreEK CO Z : 3, 7, 10, 14, 17, 18, 20 R : 42, 43 W : 23, 28, 38, 48 C : 27, 28, 38, 48 114 TPM2_SetCommandSetLock CO W : 28, 38, 48 C : 27, 28, 38, 48 Misc commands 115 TPM2_PP_Commands CO - Non FIPS services 116 Field upgrade de-obfuscation1 NA - 3.2.2 Authorization Some of the services listed above manipulate CSPs without requiring the operator to assume an authorized role: Services restricted to use of SHS: TPM2_Hash, TPM2_HashSequenceStart Services using DRNG (read, state update without manipulation): TPM2_GetRandom, TPM2_StirRandom Services used for authentication mechanism: TPM2_StartAuthSession, TPM2_PolicySigned, TPM2_PolicyTicket, TPM2_PolicyPCR, TPM2_PolicyCounterTimer TPM2_PolicyLocality, TPM2_PolicyCpHash, TPM2_PolicyNameHash, TPM2_PolicyAuthorize, TPM2_PolicyAuthorize, TPM2_PolicyDuplicationSelect, TPM2_PolicyGetDigest Services using (read, cryptographic operation) only public part of objects: TPM2_ReadPublic, TPM2_RSA_Encrypt, TPM2_NV_ReadPublic Specific services that do not affect security of the module: TPM2_LoadExternal: loaded object not considered as protected object (specific attribute). TPM2_MakeCredential: convenience function that do not use TPM secrets. TPM2_ECDH_KeyGen: ephemeral ECC key generation 1 This service is not callable from TPM interface but is only used internally by TPM2_FieldUpgradeData command. It consists of de-obfuscating data received by the TPM2_FieldUpgradeData command with a non-FIPS approved algorithm. |