データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STUSB4500BJR データシート(PDF) 18 Page - STMicroelectronics

部品番号 STUSB4500BJR
部品情報  Standalone USB PD sink controller with short-to-VBUS protections
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4500BJR データシート(HTML) 18 Page - STMicroelectronics

Back Button STUSB4500BJR Datasheet HTML 14Page - STMicroelectronics STUSB4500BJR Datasheet HTML 15Page - STMicroelectronics STUSB4500BJR Datasheet HTML 16Page - STMicroelectronics STUSB4500BJR Datasheet HTML 17Page - STMicroelectronics STUSB4500BJR Datasheet HTML 18Page - STMicroelectronics STUSB4500BJR Datasheet HTML 19Page - STMicroelectronics STUSB4500BJR Datasheet HTML 20Page - STMicroelectronics STUSB4500BJR Datasheet HTML 21Page - STMicroelectronics STUSB4500BJR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
5
Start-up configuration
5.1
User-defined parameters
The STUSB4500 has a set of user-defined parameters that can be customized by NVM re-programming through
the I2C interface. This feature allows the customer to change the preset configuration of the USB Type-C and PD
interface and to define a new configuration to meet specific application requirements addressing various use
cases, or specific implementations.
The NVM re-programming overrides the initial default setting to define a new default setting that is used at power-
up or after a reset. The default setting is copied at power-up, or after a reset, from the embedded NVM into I2C
registers. The values copied in the I2C registers are used by the STUSB4500 during the system operation.
The NVM re-programming is possible with a customer password. The I2C registers must be re-initialized after
each NVM re-programming to make effective the new parameters setting either through power-off and power-up
sequence, or through reset.
5.2
Default start-up configuration
The table below lists the user-defined parameters and indicates the default start-up configuration of the
STUSB4500.
Table 16. STUSB4500 user-defined parameters and default settings
Parameter name
Parameter description
Reset
value
(default)
Value
Description
SNK_PDO_NUMB[1:0]
Number of sink PDOs
11b
(3)
00b
1 PDO
01b
1 PDO
10b
2 PDOs
11b
3 PDOs
V_SNK_PDO2
Voltage value for SNK_PDO2
0.05*300
(15 V)
0.05*100
to
0.05*400
Flexible voltage value
5 V ≤ 0.05*V_SNK_PDO2_FLEX[9:0]
≤ 20 V by steps of 50 mV
Default V_SNK_PDO2_FLEX[9:0] =
0100101100
V_SNK_PDO3
Voltage value for SNK_PDO3
0.05*400
(20 V)
0.05*100
to
0.05*400
Flexible voltage value
5 V ≤ 0.05*V_SNK_PDO3_FLEX[9:0]
≤ 20 V by steps of 50 mV
Default V_SNK_PDO3_FLEX[9:0] =
0110010000
I_SNK_PDO1
Current value for SNK_PDO1
0101b
(1.5 A)
0000b
I_SNK_PDO_LUT[3:0] flexible current
value from look-up table (see Table
17. Look-up table for sink PDO current
configuration)
0001b
to
1111b
I_SNK_PDO_LUT[3:0] pre-defined
current values from look-up table (see
Table 17. Look-up table for sink PDO
current configuration )
STUSB4500
Start-up configuration
DS12499 - Rev 2
page 18/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41