| データシートサーチシステム |
|
STUSB4500BJR データシート(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STUSB4500BJR データシート(HTML) 29 Page - STMicroelectronics |
|
29 / 41 page ![]() 8 Package information In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. 8.1 QFN24 EP 4x4 mm package information Figure 9. QFN-24 EP (4x4) package information PLANE SEATING 0.08 C C TOP VIEW SIDE VIEW BOTTOM VIEW Pin#1 ID D e D2 b L STUSB4500 Package information DS12499 - Rev 2 page 29/41 |