| データシートサーチシステム |
|
STUSB4500BJR データシート(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STUSB4500BJR データシート(HTML) 28 Page - STMicroelectronics |
|
28 / 41 page ![]() Symbol Parameter Conditions Min. Typ. Max. Unit VMONUSBH VBUS monitoring high voltage limit VBUS can be 5 VUSB Type-C voltage or any PDO voltage, VBUS+5% is nominal high voltage limit, Shift coefficient VSHUSBH is programmable by NVM from 1% to 15% of VBUS by step of 1%, Default VSHUSBH1 = 10%, VMONUSBH1 = VBUS +15% (5 V USB Type-C or PDO1), VSHUSBH2/3 = 5%, VMONUSBH2/3 = VBUS+10% (PDO2 or PDO3) VBUS+5% +VSHUSBH V VMONUSBL VBUS monitoring low voltage limit VBUS can be 5 VUSB Type-C voltage or any PDO voltage, VBUS-5% is nominal low voltage limit, Shift coefficient VSHUSBL is programmable by NVM from 1% to 15% of VBUS by step of 1%, Default VSHUSBL1/2/3 = 15%, VMONUSBL1/2/3 = VBUS-20% (5 V USB Type-C or any PDO) VBUS-5% -VSHUSBL V DISCH pin driving IDISPWR Power system discharge current Through external resistor connected to DISCH pin 500 mA Digital input/output (SCL, SDA, ALERT, RESET, ATTACH, A_B_SIDE, POWER_OK3, GPIO, ADDR0, ADDR1) VIH High level input voltage 1.2 V VIL Low level input voltage 0.35 V VOL Low level output voltage Ioh = 3 mA 0.4 V 20 V open drain outputs (VBUS_EN_SNK, DISCH, POWER_OK2) VOL Low level output voltage Ioh = 3 mA 0.4 V STUSB4500 Electrical and timing characteristics DS12499 - Rev 2 page 28/41 |