| データシートサーチシステム |
|
STUSB4500BJR データシート(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STUSB4500BJR データシート(HTML) 34 Page - STMicroelectronics |
|
34 / 41 page ![]() 9 Terms and abbreviations Table 26. List of terms and abbreviations Term Description Accessory mode Debug accessory mode. It is defined by the presence of pull-up resistors Rp/Rp on CC1/CC2 pins in sink power role. DFP Downstream facing port, specifically associated with the flow of data in a USB connection. Typically the ports on a HOST or the ports on a hub to which devices are connected. In its initial state, the DFP sources VBUS and VCONN, and supports data. DRP Dual-role port. A port that can operate as either a source or a sink. The port role may be changed dynamically. Sink Port asserting Rd on the CC pins and consuming power from the VBUS; most commonly a device. Source Port asserting Rp on the CC pins and providing power over the VBUS; most commonly a host or hub DFP. UFP Upstream facing port, specifically associated with the flow of data in a USB connection. The port on a device or a hub that connects to a host or the DFP of a hub. In its initial state, the UFP sinks VBUS and supports data. STUSB4500 Terms and abbreviations DS12499 - Rev 2 page 34/41 |