| データシートサーチシステム |
|
PCF2127T/2Y データシート(PDF) 32 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2127T/2Y データシート(HTML) 32 Page - NXP Semiconductors |
|
32 / 100 page ![]() PCF2127 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2014. All rights reserved. Product data sheet Rev. 8 — 19 December 2014 32 of 100 NXP Semiconductors PCF2127 Accurate RTC with integrated quartz crystal for industrial applications 8.9.3 Register Hours [1] Hour mode is set by the bit 12_24 in register Control_1 (see Table 7). 8.9.4 Register Days [1] If the year counter contains a value which is exactly divisible by 4, including the year 00, the RTC compensates for leap years by adding a 29th day to February. Table 32. Hours - hours register (address 05h) bit allocation Bit positions labeled as - are not implemented and return 0 when read. Bits labeled as X are undefined at power-on and unchanged by subsequent resets. Bit 7 6 5 4 3 2 1 0 Symbol - - AMPM HOURS (1 to 12) in 12-hour mode HOURS (0 to 23) in 24-hour mode Reset value - - X XXX XX Table 33. Hours - hours register (address 05h) bit description Bit positions labeled as - are not implemented and return 0 when read. Bits labeled as X are undefined at power-on and unchanged by subsequent resets. Bit Symbol Value Place value Description 7to6 - - - unused 12-hour mode[1] 5 AMPM 0 - indicates AM 1 - indicates PM 4 HOURS 0 to 1 ten’s place actual hours coded in BCD format when in 12-hour mode 3to0 0 to9 unit place 24-hour mode[1] 5 to 4 HOURS 0 to 2 ten’s place actual hours coded in BCD format when in 24-hour mode 3to0 0 to9 unit place Table 34. Days - days register (address 06h) bit allocation Bit positions labeled as - are not implemented and return 0 when read. Bits labeled as X are undefined at power-on and unchanged by subsequent resets. Bit 7 6 5 4 3 2 1 0 Symbol - - DAYS (1 to 31) Reset value - - X XXX XX Table 35. Days - days register (address 06h) bit description Bit Symbol Value Place value Description 7to6 - - - unused 5to4 DAYS[1] 0 to 3 ten’s place actual day coded in BCD format 3to0 0 to9 unit place |