| データシートサーチシステム |
|
PCF2127T/2Y データシート(PDF) 98 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2127T/2Y データシート(HTML) 98 Page - NXP Semiconductors |
|
98 / 100 page ![]() PCF2127 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2014. All rights reserved. Product data sheet Rev. 8 — 19 December 2014 98 of 100 NXP Semiconductors PCF2127 Accurate RTC with integrated quartz crystal for industrial applications 27. Figures Fig 1. Block diagram of PCF2127 . . . . . . . . . . . . . . . . . .3 Fig 2. Pin configuration for PCF2127AT (SO20) . . . . . . .4 Fig 3. Pin configuration for PCF2127T (SO16) . . . . . . . .4 Fig 4. Position of the stubs from the package assembly process . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4 Fig 5. Handling address registers . . . . . . . . . . . . . . . . . .6 Fig 6. Battery switch-over behavior in standard mode with bit BIE set logic 1 (enabled) . . . . . . . . . . . . . . . . .20 Fig 7. Battery switch-over behavior in direct switching mode with bit BIE set logic 1 (enabled) . . . . . . . .21 Fig 8. Battery switch-over circuit, simplified block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .22 Fig 9. Battery low detection behavior with bit BLIE set logic 1 (enabled). . . . . . . . . . . . . . . . . . . . . . . . . . . . . .23 Fig 10. Typical application of the extra power fail detection function . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .23 Fig 11. PFO signal behavior when battery switch-over is enabled in standard mode and Vth(uvp) >(VBAT,Vth(sw)bat) . . . . . . . . . . . . . . . . . . .25 Fig 12. PFO signal behavior when battery switch-over is enabled in direct switching mode and Vth(uvp) < VBAT . . . . . . . . . . . . . . . . . . . . . . . .25 Fig 13. PFO signal behavior when battery switch-over is disabled . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .26 Fig 14. Typical driving capability of VBBS: (VBBS - VDD) with respect to the output load current IBBS. . . . . . . . .27 Fig 15. Power failure event due to battery discharge: reset occurs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .28 Fig 16. Dependency between POR and oscillator . . . . . .29 Fig 17. Power-On Reset (POR) system. . . . . . . . . . . . . .29 Fig 18. Power-On Reset Override (PORO) sequence, valid for both I2C-bus and SPI-bus. . . . . . . . . . . . . . . .30 Fig 19. Data flow of the time function. . . . . . . . . . . . . . . .35 Fig 20. Access time for read/write operations . . . . . . . . .36 Fig 21. Alarm function block diagram. . . . . . . . . . . . . . . .37 Fig 22. Alarm flag timing diagram . . . . . . . . . . . . . . . . . .40 Fig 23. WD_CD[1:0] = 10: watchdog activates an interrupt when timed out . . . . . . . . . . . . . . . . . . . . . . . . . .43 Fig 24. WD_CD[1:0] = 11: watchdog activates a reset pulse when timed out . . . . . . . . . . . . . . . . . . . . . . . . . .44 Fig 25. General countdown timer behavior . . . . . . . . . . .45 Fig 26. Timestamp detection with two push-buttons on the TS pin (for example, for tamper detection) . . . . .48 Fig 27. Interrupt block diagram . . . . . . . . . . . . . . . . . . . .54 Fig 28. INT example for SI and MI when TI_TP is logic 156 Fig 29. INT example for SI and MI when TI_TP is logic 056 Fig 30. Example of shortening the INT pulse by clearing the MSF flag . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .57 Fig 31. Example of shortening the INT pulse by clearing the CDTF flag . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .57 Fig 32. AF timing diagram . . . . . . . . . . . . . . . . . . . . . . . .58 Fig 33. STOP bit functional diagram . . . . . . . . . . . . . . . .60 Fig 34. STOP bit release timing . . . . . . . . . . . . . . . . . . . .61 Fig 35. Interface selection . . . . . . . . . . . . . . . . . . . . . . . .62 Fig 36. SDI, SDO configurations . . . . . . . . . . . . . . . . . . .62 Fig 37. Data transfer overview . . . . . . . . . . . . . . . . . . . . .63 Fig 38. SPI-bus write examples . . . . . . . . . . . . . . . . . . . 64 Fig 39. SPI-bus read examples. . . . . . . . . . . . . . . . . . . . 65 Fig 40. Bit transfer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 66 Fig 41. Definition of START and STOP conditions . . . . . 66 Fig 42. System configuration. . . . . . . . . . . . . . . . . . . . . . 67 Fig 43. Acknowledgement on the I2C-bus. . . . . . . . . . . . 67 Fig 44. Bus protocol, writing to registers . . . . . . . . . . . . . 68 Fig 45. Bus protocol, reading from registers . . . . . . . . . . 68 Fig 46. Bus protocol, writing to RAM . . . . . . . . . . . . . . . . 69 Fig 47. Bus protocol, reading from RAM . . . . . . . . . . . . . 70 Fig 48. Device diode protection diagram of PCF2127 . . 71 Fig 49. IOL on pin SDA/CE . . . . . . . . . . . . . . . . . . . . . . . 75 Fig 50. IDD as a function of temperature . . . . . . . . . . . . . 75 Fig 51. IDD as a function of VDD. . . . . . . . . . . . . . . . . . . . 76 Fig 52. Typical IDD as a function of the power management settings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 77 Fig 53. Typical characteristic of frequency with respect to temperature of PCF2127AT . . . . . . . . . . . . . . . . 79 Fig 54. Typical characteristic of frequency with respect to temperature of PCF2127T . . . . . . . . . . . . . . . . . 79 Fig 55. SPI-bus timing. . . . . . . . . . . . . . . . . . . . . . . . . . . 81 Fig 56. I2C-bus timing diagram; rise and fall times refer to 30 % and 70 % . . . . . . . . . . . . . . . . . . . . . . . . . . 83 Fig 57. General application diagram . . . . . . . . . . . . . . . . 84 Fig 58. Package outline SOT163-1 (SO20) of PCF2127AT. . . . . . . . . . . . . . . . . . . . . . . . . . . 85 Fig 59. Package outline SOT162-1 (SO16) of PCF2127T. . . . . . . . . . . . . . . . . . . . . . . . . . . . 86 Fig 60. Footprint information for reflow soldering of SOT163-1 (SO20) of PCF2127AT. . . . . . . . . . . . 87 Fig 61. Footprint information for reflow soldering of SOT162-1 (SO16) of PCF2127T. . . . . . . . . . . . . 88 |