データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCF2127T/2Y データシート(PDF) 57 Page - NXP Semiconductors

部品番号 PCF2127T/2Y
部品情報  Accurate RTC with integrated quartz crystal for industrial applications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2127T/2Y データシート(HTML) 57 Page - NXP Semiconductors

Back Button PCF2127T/2Y Datasheet HTML 53Page - NXP Semiconductors PCF2127T/2Y Datasheet HTML 54Page - NXP Semiconductors PCF2127T/2Y Datasheet HTML 55Page - NXP Semiconductors PCF2127T/2Y Datasheet HTML 56Page - NXP Semiconductors PCF2127T/2Y Datasheet HTML 57Page - NXP Semiconductors PCF2127T/2Y Datasheet HTML 58Page - NXP Semiconductors PCF2127T/2Y Datasheet HTML 59Page - NXP Semiconductors PCF2127T/2Y Datasheet HTML 60Page - NXP Semiconductors PCF2127T/2Y Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 100 page
background image
PCF2127
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 8 — 19 December 2014
57 of 100
NXP Semiconductors
PCF2127
Accurate RTC with integrated quartz crystal for industrial applications
Table 83).
[1]
n = loaded countdown value. Timer stopped when n = 0.
If the MSF or CDTF flag (register Control_2) is cleared before the end of the INT pulse,
then the INT pulse is shortened. This allows the source of a system interrupt to be cleared
immediately when it is serviced, that is, the system does not have to wait for the
completion of the pulse before continuing, see Figure 30 and Figure 31. Instructions for
clearing bit MSF and bit CDTF can be found in Section 8.11.6.
Table 83.
INT operation (bit TI_TP = 1)
Source clock (Hz)
INT period (s)
n = 1[1]
n > 1
4096
1⁄8192
1⁄4096
64
1⁄128
1⁄64
1
1⁄64
1⁄64
1⁄60
1⁄64
1⁄64
(1) Indicates normal duration of INT pulse.
The timing shown for clearing bit MSF is also valid for the non-pulsed interrupt mode. That is, when
TI_TP is logic 0, where the INT pulse may be shortened by setting both bits MI and SI logic 0.
Fig 30. Example of shortening the INT pulse by clearing the MSF flag
(1) Indicates normal duration of INT pulse.
The timing shown for clearing CDTF is also valid for the non-pulsed interrupt mode. That is, when
TI_TP is logic 0, where the INT pulse may be shortened by setting CDTIE logic 0.
Fig 31. Example of shortening the INT pulse by clearing the CDTF flag



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100