| データシートサーチシステム |
|
PCF2127T/2Y データシート(PDF) 72 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2127T/2Y データシート(HTML) 72 Page - NXP Semiconductors |
|
72 / 100 page ![]() PCF2127 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2014. All rights reserved. Product data sheet Rev. 8 — 19 December 2014 72 of 100 NXP Semiconductors PCF2127 Accurate RTC with integrated quartz crystal for industrial applications 12. Limiting values [1] Pass level; Human Body Model (HBM) according to Ref. 7 “JESD22-A114”. [2] Pass level; Charged-Device Model (CDM), according to Ref. 8 “JESD22-C101”. [3] Pass level; latch-up testing according to Ref. 9 “JESD78” at maximum ambient temperature (Tamb(max)). [4] According to the store and transport requirements (see Ref. 14 “UM10569”) the devices have to be stored at a temperature of +8 C to +45 C and a humidity of 25 % to 75 %. Table 89. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol Parameter Conditions Min Max Unit VDD supply voltage 0.5 +6.5 V IDD supply current 50 +50 mA Vi input voltage 0.5 +6.5 V II input current 10 +10 mA VO output voltage 0.5 +6.5 V IO output current 10 +10 mA at pin SDA/CE 10 +20 mA VBAT battery supply voltage 0.5 +6.5 V Ptot total power dissipation - 300 mW VESD electrostatic discharge voltage HBM [1] - 4000 V CDM [2] - 1250 V Ilu latch-up current [3] -200 mA Tstg storage temperature [4] 55 +85 C Tamb ambient temperature operating device 40 +85 C |