| データシートサーチシステム |
|
VSC7511 データシート(PDF) 21 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
VSC7511 データシート(HTML) 21 Page - Microsemi Corporation |
|
21 / 324 page ![]() Product Overview VMDS-10488 VSC7511 Datasheet Revision 4.2 6 2.2 Applications VSC7511 targets unmanaged applications in industrial Ethernet, Internet of Things (IoT), Enterprise, SMB, Customer-premises Equipment (CPE), and Network Termination Equipment (NTE). 2.3 Functional Overview This section provides an overview of all major blocks and functions involved in the forwarding operation in the same order as a frame traverses through the VSC7511 device. It also outlines other major functionality of the device such as the CPU port module, the CPU system, and CPU interfaces. The following illustration is a block diagram for the device. VCAP IS1 entries 64 full, 128 half, or 256 quad VCAP IS2 entries 64 full, 128 half, or 256 quad VCAP ES0 entries 256 Table 2 • Product Parameters (continued) Features and Port Configurations VSC7511 |