| データシートサーチシステム |
|
VSC7511 データシート(PDF) 67 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
VSC7511 データシート(HTML) 67 Page - Microsemi Corporation |
|
67 / 324 page ![]() Functional Descriptions VMDS-10488 VSC7511 Datasheet Revision 4.2 52 Figure 19 • VLAN Acceptance Filter If the frame is accepted by the VLAN acceptance filter, it can still be discarded in other places of the switch, such as the following: • Policers, due to traffic exceeding a peak information rate. • IS2 Security TCAM, due to permit/deny rules. • Analyzer, due to forwarding decisions such as VLAN ingress filtering. • Queue system, due to lack of resources, frame aging, or excessive collisions. S-Tagged Frame (VID > 0)? INGRESS N C-Tagged Frame (VID > 0)? Priority S-tagged Frame (VID=0)? Priority C-tagged Frame (VID=0)? DROP_UNTAGGED_ENA[port] and not reserved address (BPDU, GARP, CCM)? Frame is Accepted DROP_S_TAGGED_ENA [port]? Y Discard DROP_C_TAGGED_ENA [port]? Y Discard Y Y DROP_PRIO_S_TAGGED_ENA [port]? Y Discard Y N N N DROP_PRIO_C_TAGGED_ENA [port]? Y Discard Y Y Discard |