| データシートサーチシステム |
|
VSC7511 データシート(PDF) 93 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
VSC7511 データシート(HTML) 93 Page - Microsemi Corporation |
|
93 / 324 page ![]() Functional Descriptions VMDS-10488 VSC7511 Datasheet Revision 4.2 78 3.8.3 VCAP IS2 This section provides information about the IS2 keys, the SMAC_SIP4 and SMAC_SIP6 keys, and associated actions. 3.8.3.1 IS2 Entry Key Encoding All frame types are subject to the two IS2 lookups. The frame type determines the key entry type. For more information about VCAP frame types, see Table 33, page 61. The following illustrations show entry fields available for each frame type (indicated by the field IS2_TYPE_HALF and IS2_TYPE_FULL) for half and full entries. |