| データシートサーチシステム |
|
VSC7511 データシート(PDF) 70 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
VSC7511 データシート(HTML) 70 Page - Microsemi Corporation |
|
70 / 324 page ![]() Functional Descriptions VMDS-10488 VSC7511 Datasheet Revision 4.2 55 Figure 21 • Basic DSCP Classification Flow Chart The translation part of the DSCP classification is common for both QoS, DP, and DSCP classification. The basic classified QoS, DP, and DSCP can be overwritten by more intelligent decisions made in the VCAP IS1. 3.7.4 VLAN Classification The following table lists the registers associated with VLAN classification. Table 29 • VLAN Configuration Registers Register Description Replication QOS = QOS_DEFAULT_VAL[port] DP = DP_DEFAULT_VAL[port] DSCP = 0 ”Frame is IPv4 or IPv6" QOS_DSCP_ENA[port] DSCP_TRANSLATE_ENA[port] Y DSCP = Frame.DSCP Y DSCP = DSCP_TRANSLATE_VAL[DSCP] Y DSCP_TRUST_ENA[DSCP] QOS = QOS_DSCP_VAL[DSCP] DP = DP_DSCP_VAL[DSCP] Y ”Frame has inner tag” and QOS_PCP_ENA[port] and VLAN_INNER_TAG_ENA[port]=1 QOS = QOS_PCP_DEI_VAL[port][Frame.InnerDEI][Frame.InnerPCP] DP = DP_PCP_DEI_VAL[port][Frame.InnerDEI][Frame.InnerPCP] Y Basic classified QoS Basic classified DP ”Frame has outer tag” and QOS_PCP_ENA[port] QOS = QOS_PCP_DEI_VAL[port][Frame.OuterDEI][Frame.OuterPCP] DP = DP_PCP_DEI_VAL[port][Frame.OuterDEI][Frame.OuterPCP] Y Y |