データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PL03S データシート(PDF) 4 Page - SJM Prewell. All Rights Reserved.

部品番号 PL03S
部品情報  Low Noise Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SJM [SJM Prewell. All Rights Reserved.]
ホームページ  http://www.prewell.com/
Logo SJM - SJM Prewell. All Rights Reserved.

PL03S データシート(HTML) 4 Page - SJM Prewell. All Rights Reserved.

  PL03S Datasheet HTML 1Page - SJM Prewell. All Rights Reserved. PL03S Datasheet HTML 2Page - SJM Prewell. All Rights Reserved. PL03S Datasheet HTML 3Page - SJM Prewell. All Rights Reserved. PL03S Datasheet HTML 4Page - SJM Prewell. All Rights Reserved. PL03S Datasheet HTML 5Page - SJM Prewell. All Rights Reserved. PL03S Datasheet HTML 6Page - SJM Prewell. All Rights Reserved. PL03S Datasheet HTML 7Page - SJM Prewell. All Rights Reserved. PL03S Datasheet HTML 8Page - SJM Prewell. All Rights Reserved. PL03S Datasheet HTML 9Page - SJM Prewell. All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
http://www.prewell.com
4
Low Noise Amplifier
SJM PREWELL
PL03S / PL03A
Products and product information are subject to change without notice. Version 13
1800
1900
2000
2100
2200
2300
2400
2500
2600
0
5
10
15
20
25
30
35
40
Frequency (MHz)
25°C
-40°C
85°C
-6
-4
-2
0
2
4
6
0
5
10
15
20
25
30
35
40
Output Power (dBm)
25°C
1800
1900
2000
2100
2200
2300
2400
2500
2600
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
25°C
-40°C
85°C
1800
1900
2000
2100
2200
2300
2400
2500
2600
0.0
0.5
1.0
1.5
2.0
2.5
Frequency (MHz)
25°C
1800
1900
2000
2100
2200
2300
2400
2500
2600
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
25°C
-40°C
85°C
1800
1900
2000
2100
2200
2300
2400
2500
2600
0
5
10
15
20
25
30
Frequency (MHz)
25°C
-40°C
85°C
RF IN
RF OUT
6.8nH
100pF
Vdd
1.5pF
20pF
20pF
1nF
10 KΩ
20 KΩ
Vsd (+3.3V TTL)
1800 MHz
– 2600 MHz Application Circuit (5V / 80mA)
Gain Vs. Frequency
Input Return Loss
Output Return Loss
OIP3 vs. Output Power @ 21400MHz
NF vs. Frequency
Parameters
Units
Frequency (MHz)
2100
2300
S21
dB
21.8
21.3
S11
dB
-10.3
-14.2
S22
dB
-16.3
-13.5
P1dB
dBm
20.7
20.5
OIP3 @ 0dBm
dBm
33.1
33.3
NF
dB
0.44
0.56
OIP3 vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com