データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PL03S データシート(PDF) 7 Page - SJM Prewell. All Rights Reserved.

部品番号 PL03S
部品情報  Low Noise Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SJM [SJM Prewell. All Rights Reserved.]
ホームページ  http://www.prewell.com/
Logo SJM - SJM Prewell. All Rights Reserved.

PL03S データシート(HTML) 7 Page - SJM Prewell. All Rights Reserved.

Back Button PL03S Datasheet HTML 3Page - SJM Prewell. All Rights Reserved. PL03S Datasheet HTML 4Page - SJM Prewell. All Rights Reserved. PL03S Datasheet HTML 5Page - SJM Prewell. All Rights Reserved. PL03S Datasheet HTML 6Page - SJM Prewell. All Rights Reserved. PL03S Datasheet HTML 7Page - SJM Prewell. All Rights Reserved. PL03S Datasheet HTML 8Page - SJM Prewell. All Rights Reserved. PL03S Datasheet HTML 9Page - SJM Prewell. All Rights Reserved. PL03S Datasheet HTML 10Page - SJM Prewell. All Rights Reserved. PL03S Datasheet HTML 11Page - SJM Prewell. All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
http://www.prewell.com
7
Low Noise Amplifier
SJM PREWELL
PL03S / PL03A
Products and product information are subject to change without notice. Version 13
2200
2300
2400
2500
2600
2700
2800
2900
3000
0
5
10
15
20
25
30
Frequency (MHz)
25°C
-40°C
85°C
Output Power / Gain vs. Input Power @ 2650MHz
P1dB vs. Frequency
LTE ACLR vs. Output Power @ 2650MHz
DL20M_E31.WFM 1FA, 20MHz offset
-20
-15
-10
-5
0
5
0
5
10
15
20
25
30
Input Power (dBm)
Gain
Output Power
0
2
4
6
8
10
12
14
-65
-60
-55
-50
-45
-40
-35
-30
Output Channal Power (dBm)
25°C
-40°C
85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com