データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PL03S データシート(PDF) 1 Page - SJM Prewell. All Rights Reserved.

部品番号 PL03S
部品情報  Low Noise Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SJM [SJM Prewell. All Rights Reserved.]
ホームページ  http://www.prewell.com/
Logo SJM - SJM Prewell. All Rights Reserved.

PL03S データシート(HTML) 1 Page - SJM Prewell. All Rights Reserved.

  PL03S Datasheet HTML 1Page - SJM Prewell. All Rights Reserved. PL03S Datasheet HTML 2Page - SJM Prewell. All Rights Reserved. PL03S Datasheet HTML 3Page - SJM Prewell. All Rights Reserved. PL03S Datasheet HTML 4Page - SJM Prewell. All Rights Reserved. PL03S Datasheet HTML 5Page - SJM Prewell. All Rights Reserved. PL03S Datasheet HTML 6Page - SJM Prewell. All Rights Reserved. PL03S Datasheet HTML 7Page - SJM Prewell. All Rights Reserved. PL03S Datasheet HTML 8Page - SJM Prewell. All Rights Reserved. PL03S Datasheet HTML 9Page - SJM Prewell. All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
http://www.prewell.com
1
Low Noise Amplifier
SJM PREWELL
PL03S / PL03A
Products and product information are subject to change without notice. Version 13
Description
The PL03S / PL03A is a high performance GaAs p-HEMT LNA
(Low Noise Amplifier). The features of PL03S / PL03A are high
linear performance, low noise figure and high reliability. The PL03S /
PL03A can be easily matched to obtain optimum noise figure and
linearity. The PL03S / PL03A operates from a single 5 voltage
supply and has an internal active bias. This PL03S / PL03A provides
the most suitable solutions for LNA in communication systems. All
devices are 100% RF and DC tested.
Specification
s
1) Test Conditions : T=25°C, Supply Voltage=5V, 50ohm System
2) OIP3 measured with two tones at an output power of 0dBm/tone separated by 1MHz
3) Noise figure data has input trace loss de-embedded.
5
1
8
4
2
3
7
6
SJM
Prewell
Features
• 1500 to 4000MHz
• Gain 18.9dB @ 3500MHz
• P1dB 19.4dBm @ 3500MHz
• OIP3 32.0dBm @ 3500MHz
• NF 1.0dB @ 3500MHz
• Lead-free / Green /
compliant DFN 8L Package
Applications
ESD/MSL
1 ESD sensitive device. Observe
handling precautions.
2 HBM: Class 1C , JS-001-2014
3 CDM: Class C3 ,
JESD22-C101F : 2013
4 MSL 3, J-STD-020
• Cellular Infrastructure
• Small Cells and Repeaters
• General Purpose Wireless
• TDD or FDD LTE / WCDMA /
EDGE / CDMA / 5G NR/ WIFI
Functional Diagram
RF IN
GND
N/C
2
4,5
1,3,8
RF OUT / Bias
Shut Down
7
6
Absolute Maximum Ratings
Parameter
Rating
77
Device Voltage
7
V
Device Current
150
mA
RF Power Input
20
dBm
Storage Temperature
-55 to 150
°C
Ambient Operating Temperature
-40 to 85
°C
Junction Temperature
185
°C
1) Stresses above the maximum values listed have may cause permanent damage to the device.
2) MTTF is more than 100 years.
Parameters
Units
Frequency (MHz)
1900
2140
2600
3500
S21
dB
23.1
21.7
20.4
18.9
S11
dB
-16.4
-16.4
-10.3
-13.8
S22
dB
-14.3
-14.3
-11.9
-12.4
P1dB
dBm
17.8
20.8
20.5
19.4
OIP32)
dBm
33.7
33.7
32.7
32.0
NF 3)
dB
0.46
0.46
0.73
1.00
V / I
(On state) V / mA
5 / 80
(Off state, Power down) mA
3
Power Shutdown
Control
(On state) V
0.3
(Off state, Power down) V
1.0
Switching Speed
(LNA ON to OFF) ns
380
(LNA OFF to ON) ns
260
Rth
°C/W
48


同様の部品番号 - PL03S

メーカー部品番号データシート部品情報
logo
SJM Prewell. All Rights...
PL03S SJM-PL03S Datasheet
542Kb / 10P
Low Noise Amplifier
logo
Delta Electronics, Inc.
PL03S0303A DELTA-PL03S0303A Datasheet
197Kb / 4P
1W DC/DC CONVERTER, SIP-Package, Wide 2:1 Input Range
PL03S0503A DELTA-PL03S0503A Datasheet
197Kb / 4P
1W DC/DC CONVERTER, SIP-Package, Wide 2:1 Input Range
PL03S1203A DELTA-PL03S1203A Datasheet
197Kb / 4P
1W DC/DC CONVERTER, SIP-Package, Wide 2:1 Input Range
logo
SJM Prewell. All Rights...
PL03S SJM-PL03S_V01 Datasheet
542Kb / 10P
Low Noise Amplifier
More results

同様の説明 - PL03S

メーカー部品番号データシート部品情報
logo
TriQuint Semiconductor
TGA8310 TRIQUINT-TGA8310 Datasheet
262Kb / 11P
Low-Noise Amplifier
logo
Tyco Electronics
AM50-0002V7 MACOM-AM50-0002V7 Datasheet
214Kb / 5P
Low Noise Amplifier
logo
ams AG
SIGE AMSCO-SIGE Datasheet
91Kb / 1P
Low-Noise-Amplifier
logo
List of Unclassifed Man...
RGLNA10 ETC2-RGLNA10 Datasheet
44Kb / 2P
Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAAL-007673 MA-COM-MAAL-007673 Datasheet
136Kb / 4P
Low Noise Amplifier
MAAL-010704 MA-COM-MAAL-010704 Datasheet
507Kb / 14P
Low Noise Amplifier
MAALSS0048 MA-COM-MAALSS0048 Datasheet
262Kb / 8P
Low Noise Amplifier
XL1002-BD MA-COM-XL1002-BD Datasheet
936Kb / 10P
Low Noise Amplifier
logo
RFHIC
CL3501_L RFHIC-CL3501_L_14 Datasheet
714Kb / 6P
Low Noise Amplifier
CL2701-L RFHIC-CL2701-L_14 Datasheet
676Kb / 6P
Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com