データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PL03S データシート(PDF) 13 Page - SJM Prewell. All Rights Reserved.

部品番号 PL03S
部品情報  Low Noise Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SJM [SJM Prewell. All Rights Reserved.]
ホームページ  http://www.prewell.com/
Logo SJM - SJM Prewell. All Rights Reserved.

PL03S データシート(HTML) 13 Page - SJM Prewell. All Rights Reserved.

Back Button PL03S Datasheet HTML 6Page - SJM Prewell. All Rights Reserved. PL03S Datasheet HTML 7Page - SJM Prewell. All Rights Reserved. PL03S Datasheet HTML 8Page - SJM Prewell. All Rights Reserved. PL03S Datasheet HTML 9Page - SJM Prewell. All Rights Reserved. PL03S Datasheet HTML 10Page - SJM Prewell. All Rights Reserved. PL03S Datasheet HTML 11Page - SJM Prewell. All Rights Reserved. PL03S Datasheet HTML 12Page - SJM Prewell. All Rights Reserved. PL03S Datasheet HTML 13Page - SJM Prewell. All Rights Reserved. PL03S Datasheet HTML 14Page - SJM Prewell. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
http://www.prewell.com
13
Low Noise Amplifier
SJM PREWELL
PL03S / PL03A
Products and product information are subject to change without notice. Version 13
Parameters
Units
Frequency (MHz)
2500
2600
2700
S21
dB
21.0
21.0
20.8
S11
dB
-14.2
-21.0
-27.5
S22
dB
-14.2
-13.1
-12.1
P1dB
dBm
20.0
19.8
19.9
OIP3 @ 0dBm
dBm
33.7
33.5
33.1
NF
dB
0.6
0.7
0.8
2500
2540
2580
2620
2660
2700
0.0
0.5
1.0
1.5
2.0
2.5
Frequency (MHz)
25°C
-5
-3
-1
1
3
5
10
15
20
25
30
35
40
Output Power (dBm)
25°C
2500
2540
2580
2620
2660
2700
10
15
20
25
30
35
40
Frequency (MHz)
25°C
2500
2540
2580
2620
2660
2700
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
25°C
2500
2540
2580
2620
2660
2700
0
5
10
15
20
25
30
Frequency (MHz)
25°C
2500
2540
2580
2620
2660
2700
-40
-35
-30
-25
-20
-15
-10
Frequency (MHz)
25°C
RF IN
RF OUT
4.7nH
100pF
Vdd
1.2pF
20pF
20pF
1nF
10 K
Ω
20 K
Vsd (+3.3V TTL)
Ω
0.3pF
2500 MHz
– 2700 MHz Application Circuit2 (5V / 79mA)
Gain Vs. Frequency
Input Return Loss
Output Return Loss
OIP3 vs. Output Power @ 2500MHz
NF vs. Frequency
OIP3 vs. Frequency
Application Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com