データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9546/PCBZ データシート(PDF) 104 Page - Analog Devices

部品番号 AD9546/PCBZ
部品情報  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9546/PCBZ データシート(HTML) 104 Page - Analog Devices

Back Button AD9546/PCBZ Datasheet HTML 100Page - Analog Devices AD9546/PCBZ Datasheet HTML 101Page - Analog Devices AD9546/PCBZ Datasheet HTML 102Page - Analog Devices AD9546/PCBZ Datasheet HTML 103Page - Analog Devices AD9546/PCBZ Datasheet HTML 104Page - Analog Devices AD9546/PCBZ Datasheet HTML 105Page - Analog Devices AD9546/PCBZ Datasheet HTML 106Page - Analog Devices AD9546/PCBZ Datasheet HTML 107Page - Analog Devices AD9546/PCBZ Datasheet HTML 108Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 104 of 205
The retimed trigger is on the rising edge of the slowest N shot
enabled Q divider to accommodate multiple N shot generators
that are providing multiple output clocks. Using the rising edge
of the slowest Q divider output as a retiming mark ensures that
all N shot generators begin clocking with the fastest output as
the earliest of the group, even when the Q dividers have
different programmed phase offsets and regardless of when the
N shot request occurs.
The AD9546 automatically selects the appropriate N shot
enabled Q divider for trigger retiming, such that the output
with the largest Q divider phase offset value is always the
retiming clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More