| データシートサーチシステム |
|
MPC885ZP80 データシート(PDF) 62 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC885ZP80 データシート(HTML) 62 Page - NXP Semiconductors |
|
62 / 87 page ![]() MPC885/MPC880 PowerQUICC Hardware Specifications, Rev. 7 62 Freescale Semiconductor CPM Electrical Characteristics Figure 62. Ethernet Collision Timing Diagram Figure 63. Ethernet Receive Timing Diagram 134 TENA inactive delay (from TCLK1 rising edge) 10 50 ns 138 CLKO1 low to SDACK asserted2 —20 ns 139 CLKO1 low to SDACK negated 2 —20 ns 1 The ratios SyncCLK/RCLK1 and SyncCLK/TCLK1 must be greater than or equal to 2/1. 2 SDACK is asserted whenever the SDMA writes the incoming frame DA into memory. Table 24. Ethernet Timing (continued) Num Characteristic All Frequencies Unit Min Max CLSN(CTS1) 120 (Input) RCLK1 121 RxD1 (Input) 121 RENA(CD1) (Input) 125 124 123 127 126 Last Bit |