| データシートサーチシステム |
|
ZPSD301R データシート(PDF) 54 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ZPSD301R データシート(HTML) 54 Page - STMicroelectronics |
|
54 / 85 page ![]() PSD3XX Family 51 Figure 27. Timing of 16-Bit Multiplexed Address/Data Bus Using R/W, E or R/W, DS (PSD3X2/3X3) 18 19 33 DATA VALID CSI/A19 as CSI 1 32 7 15 32 32 14 14 6 6 10 9 ADDRESS A ADDRESS B 2 3 35 13 4 2 16 17 20 23 23 ADDRESS A ADDRESS B INPUT INPUT OUTPUT OUTPUT READ CYCLE WRITE CYCLE STABLE INPUT STABLE INPUT Direct (1) PAD Input Multiplexed (2) Inputs DATA IN A0/AD0- A15/AD15 Active Low AS Active High AS BHE/PSEN as BHE Any of PA0-PA7 as I/O Pin Any of PA0-PA7 Pins as Address Outputs Any of PB0-PB7 as I/O Pin 1 3 35 34 34 33 8 12 5 12 13 RD/E/DS as E RD/E/DS as E RD/E/DS as E RD/E/DS as E WR/VPP or R/W as R/W RD/E/DS as DS 36 See referenced notes on page 64. |