データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ZPSD301R データシート(PDF) 70 Page - STMicroelectronics

部品番号 ZPSD301R
部品情報  Low Cost Field Programmable Microcontroller Peripherals
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ZPSD301R データシート(HTML) 70 Page - STMicroelectronics

Back Button ZPSD301R Datasheet HTML 66Page - STMicroelectronics ZPSD301R Datasheet HTML 67Page - STMicroelectronics ZPSD301R Datasheet HTML 68Page - STMicroelectronics ZPSD301R Datasheet HTML 69Page - STMicroelectronics ZPSD301R Datasheet HTML 70Page - STMicroelectronics ZPSD301R Datasheet HTML 71Page - STMicroelectronics ZPSD301R Datasheet HTML 72Page - STMicroelectronics ZPSD301R Datasheet HTML 73Page - STMicroelectronics ZPSD301R Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 85 page
background image
PSD3XX Family
67
Figure 44.
Drawing M1 –
44 Pin Plastic Quad
Flatpack (PQFP)
(Package Type M)
OR
Drawing U1 –
44 Pin Plastic
Thin Quad Flatpack
(TQFP)
(Package Type U)
39 AD15/A15
38 AD14/A14
37 AD13/A13
36 AD12/A12
35 AD11/A11
34 GND
33 AD10/A10
32 AD9/A9
31 AD8/A8
30 AD7/A7
29 AD6/A6
PB4
7
PB3
8
PB2
9
PB1 10
PB0 11
GND 12
ALE or AS 13
PA7 14
PA6 15
PA5 16
PA4 17
PB4
PB3
PB2
PB1
PB0
GND
ALE or AS
PA7
PA6
PA5
PA4
AD15/A15
AD14/A14
AD13/A13
AD12/A12
AD11/A11
GND
AD10/A10
AD9/A9
AD8/A8
AD7/A7
AD6/A6
1
2
3
4
5
6
7
8
9
10
11
33
32
31
30
29
28
27
26
25
24
23
(TOP VIEW)
20.0
Package
Information
Figure 43.
Drawing J2 –
44 Pin Plastic
Leaded Chip
Carrier (PLDCC)
without Window
(Package Type J)
OR
Drawing L4 –
44 Pin Ceramic
Leaded Chip
Carrier (CLDCC)
with Window
(Package Type L)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85