データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ZPSD301R データシート(PDF) 69 Page - STMicroelectronics

部品番号 ZPSD301R
部品情報  Low Cost Field Programmable Microcontroller Peripherals
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ZPSD301R データシート(HTML) 69 Page - STMicroelectronics

Back Button ZPSD301R Datasheet HTML 65Page - STMicroelectronics ZPSD301R Datasheet HTML 66Page - STMicroelectronics ZPSD301R Datasheet HTML 67Page - STMicroelectronics ZPSD301R Datasheet HTML 68Page - STMicroelectronics ZPSD301R Datasheet HTML 69Page - STMicroelectronics ZPSD301R Datasheet HTML 70Page - STMicroelectronics ZPSD301R Datasheet HTML 71Page - STMicroelectronics ZPSD301R Datasheet HTML 72Page - STMicroelectronics ZPSD301R Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 85 page
background image
PSD3XX Family
66
44-Pin
44-Pin
Pin Name
PLDCC/CLDCC
PQFP/TQFP
Package
Package
BHE/PSEN
1
39
WR/VPP or R/W
2
40
RESET
3
41
PB7
4
42
PB6
5
43
PB5
6
44
PB4
7
1
PB3
8
2
PB2
9
3
PB1
10
4
PB0
11
5
GND
12
6
ALE or AS
13
7
PA7
14
8
PA6
15
9
PA5
16
10
PA4
17
11
PA3
18
12
PA2
19
13
PA1
20
14
PA0
21
15
RD/E
22
16
AD0/A0
23
17
AD1/A1
24
18
AD2/A2
25
19
AD3/A3
26
20
AD4/A4
27
21
AD5/A5
28
22
AD6/A6
29
23
AD7/A7
30
24
AD8/A8
31
25
AD9/A9
32
26
AD10/A10
33
27
GND
34
28
AD11/A11
35
29
AD12/A12
36
30
AD13/A13
37
31
AD14/A14
38
32
AD15/A15
39
33
PC0
40
34
PC1
41
35
PC2
42
36
A19/CSI
43
37
VCC
44
38
19.0
Pin
Assignments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85