| データシートサーチシステム |
|
ZPSD301R データシート(PDF) 50 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ZPSD301R データシート(HTML) 50 Page - STMicroelectronics |
|
50 / 85 page ![]() PSD3XX Family 47 Figure 23. Timing of 8-Bit Multiplexed Address/Data Bus Using R/W E or R/W, DS (PSD3X2/3X3) 18 33 34 36 19 DATA VALID CSI/A19 as CSI DATA IN 8 12 5 1 32 7 15 32 32 14 14 6 6 10 9 ADDRESS A ADDRESS B 2 3 4 33 13 2 16 17 12 13 20 23 23 ADDRESS A ADDRESS B INPUT INPUT OUTPUT OUTPUT READ CYCLE WRITE CYCLE STABLE INPUT STABLE INPUT Direct (1) PAD Input Multiplexed (2) Inputs A0/AD0- A7/AD7 Active Low AS Active High AS RD/E/DS as E WR/VPP or R/W as R/W Any of PA0-PA7 as I/O Pin Any of PA0-PA7 Pins as Address Outputs Any of PB0-PB7 as I/O Pin 1 3 34 35 RD/E/DS as DS 35 See referenced notes on page 64. |