| データシートサーチシステム |
|
ZPSD301V データシート(PDF) 55 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ZPSD301V データシート(HTML) 55 Page - STMicroelectronics |
|
55 / 85 page ![]() PSD3XX Family 52 Figure 28. Timing of 8-Bit Non-Multiplexed Address/Data Bus Using RD, WR (PSD3X1) 18 8 19 DATA VALID CSI/A19 as CSI 12 5 1 7 15 32 14 14 6 6 10 9 2 3 4 32 13 2 16 17 12A 13 20 INPUT OUTPUT READ CYCLE WRITE CYCLE STABLE INPUT STABLE INPUT A0/AD0- A15/AD15 as A0-A15 STABLE INPUT STABLE INPUT Direct (1) PAD Input PC0-PC2, CSI/A19 as Multiplexed Inputs DATA IN PA0-PA7 Active Low ALE Active High ALE RD/E as RD Any of PB0-PB7 as I/O Pin 1 3 11 32 32 WR/VPP or R/W as WR 36 See referenced notes on page 64. |