データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ZPSD301V データシート(PDF) 49 Page - STMicroelectronics

部品番号 ZPSD301V
部品情報  Low Cost Field Programmable Microcontroller Peripherals
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ZPSD301V データシート(HTML) 49 Page - STMicroelectronics

Back Button ZPSD301V Datasheet HTML 45Page - STMicroelectronics ZPSD301V Datasheet HTML 46Page - STMicroelectronics ZPSD301V Datasheet HTML 47Page - STMicroelectronics ZPSD301V Datasheet HTML 48Page - STMicroelectronics ZPSD301V Datasheet HTML 49Page - STMicroelectronics ZPSD301V Datasheet HTML 50Page - STMicroelectronics ZPSD301V Datasheet HTML 51Page - STMicroelectronics ZPSD301V Datasheet HTML 52Page - STMicroelectronics ZPSD301V Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 85 page
background image
PSD3XX Family
46
Figure 22. Timing of 8-Bit Multiplexed Address/Data Bus Using R/W, E or R/W, DS (PSD3X1)
18
33
34
36
19
DATA VALID
CSI/A19
as CSI
DATA
IN
8
12
5
1
32
7
15
32
32
14
14
6
6
10
9
ADDRESS A
ADDRESS B
2
3
4
33
13
2
16
17
12
13
20
23
23
ADDRESS A
ADDRESS B
INPUT
INPUT
OUTPUT
OUTPUT
READ CYCLE
WRITE CYCLE
STABLE INPUT
STABLE INPUT
Direct (1)
PAD Input
Multiplexed (2)
Inputs
A0/AD0-
A7/AD7
Active Low
AS
Active High
AS
RD/E as E
WR/VPP or
R/W as R/W
Any of
PA0-PA7
as I/O Pin
Any of
PA0-PA7 Pins
as Address
Outputs
Any of
PB0-PB7
as I/O Pin
1
3
34
35
35
See referenced notes on page 64.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85