データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ZPSD301V データシート(PDF) 14 Page - STMicroelectronics

部品番号 ZPSD301V
部品情報  Low Cost Field Programmable Microcontroller Peripherals
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ZPSD301V データシート(HTML) 14 Page - STMicroelectronics

Back Button ZPSD301V Datasheet HTML 10Page - STMicroelectronics ZPSD301V Datasheet HTML 11Page - STMicroelectronics ZPSD301V Datasheet HTML 12Page - STMicroelectronics ZPSD301V Datasheet HTML 13Page - STMicroelectronics ZPSD301V Datasheet HTML 14Page - STMicroelectronics ZPSD301V Datasheet HTML 15Page - STMicroelectronics ZPSD301V Datasheet HTML 16Page - STMicroelectronics ZPSD301V Datasheet HTML 17Page - STMicroelectronics ZPSD301V Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 85 page
background image
PSD3XX Family
11
Figure 3A. Connecting a PSD3XX to an 8-Bit Multiplexed-Bus MCU
Your
8-bit
MCU
PSD3XX
PA
PB
PC
AD0 -AD7
A8 -A15
ALE/AS
PSEN
R/ W or WR
RD/E / DS1
A19 / CSI
RESET
A16-A182
Figure 3B. Connecting a PSD3XX to a 16-Bit Multiplexed-Bus MCU
Your
16-bit
MCU
PSD3XX
PA
PB
PC
AD0 -AD7
AD8 -AD15
ALE/AS
BHE/ PSEN
R/ W or WR
RD/E / DS1
A19 / CSI
RESET
A16-A182
Figure 3C. Connecting a PSD3XX to an 8-Bit Non-Multiplexed-Bus MCU
Your
8-bit
MCU
PSD3XX
PA
PB
PC
D0 -D7
A0-A15
ALE/AS
PSEN
R/ W or WR
RD/E / DS1
A19 / CSI
RESET
A16-A182
Figure 3D. Connecting a PSD3XX to a 16-Bit Non-Multiplexed-Bus MCU
Your
16-bit
MCU
PSD3XX
PA
PB
PC
D0 -D15
A0-A15
ALE/AS
BHE / PSEN
R/ W or WR
RD/E / DS1
A19 / CSI
RESET
A16-A182
D0 -D7
D8-D15
NOTES: 1. DS is a valid input on 3X2/3X3 and devices only.
2. Connect A16-A18 to Port C if your MCU outputs more than 16 bits of address.
8.0
Operating Modes
(MCU
Configurations)
(cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85