データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ZPSD301V データシート(PDF) 29 Page - STMicroelectronics

部品番号 ZPSD301V
部品情報  Low Cost Field Programmable Microcontroller Peripherals
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ZPSD301V データシート(HTML) 29 Page - STMicroelectronics

Back Button ZPSD301V Datasheet HTML 25Page - STMicroelectronics ZPSD301V Datasheet HTML 26Page - STMicroelectronics ZPSD301V Datasheet HTML 27Page - STMicroelectronics ZPSD301V Datasheet HTML 28Page - STMicroelectronics ZPSD301V Datasheet HTML 29Page - STMicroelectronics ZPSD301V Datasheet HTML 30Page - STMicroelectronics ZPSD301V Datasheet HTML 31Page - STMicroelectronics ZPSD301V Datasheet HTML 32Page - STMicroelectronics ZPSD301V Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 85 page
background image
PSD3XX Family
26
13.0
Program/Data
Space and the
8031
This section only applies to users who have an 8031 or compatible MCU that outputs a
signal such as PSEN when accessing program space. If this applies to you, be aware of the
following:
t The PSD3XX can be configured using PSDsoft such that the EPROM is either
1) accessed by PSEN only (Figure 10); or 2) accessed by PSEN or RD (Figure 9).
The default is PSEN only unless changed in PSDsoft.
t The SRAM and I/O Ports (including CSIOPORT) can not be placed in program space
only. By default, they are in data space only (Figure 10). However, the SRAM may
be placed in Program and Data Space, as shown in Figure 9.
Figure 9. Combined Address Space
INTERNAL
OE
OE
OE
CS
CS
CS
RD
ADDRESS
PSEN
I/O PORTS
PAD
SRAM
*
EPROM
INTERNAL
OE
OE
OE
CS
CS
CS
RD
ADDRESS
PSEN
I/O PORTS
PAD
SRAM
*
EPROM
Figure 10. 8031-Compatible Separate Code and Data Address Spaces
*Not available on “R” versions.
*Not available on “R” versions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85