| データシートサーチシステム |
|
IMX6SDLCEC データシート(PDF) 88 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
IMX6SDLCEC データシート(HTML) 88 Page - NXP Semiconductors |
|
88 / 169 page ![]() i.MX 6Solo/6DualLite Applications Processors for Consumer Products, Rev. 9, 11/2018 88 NXP Semiconductors Electrical Characteristics Figure 51. Driver Measuring Conditions Figure 52. Driver Definitions Figure 53. Source Termination Table 61. Electrical Characteristics Symbol Parameter Condition Min Typ Max Unit Operating conditions for HDMI avddtmds Termination supply voltage — 3.15 3.3 3.45 V RT Termination resistance — 45 50 55 Ω |