| データシートサーチシステム |
|
ADUCM4050BCBZ-R7 データシート(PDF) 38 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADUCM4050BCBZ-R7 データシート(HTML) 38 Page - Analog Devices |
|
38 / 46 page ![]() ADuCM4050 Data Sheet Rev. A | Page 38 of 46 GPIO MULTIPLEXING The following tables capture signal multiplexing options for the GPIO pins. Table 29. Signal Multiplexing for Port 01 Pin Multiplexed Function 0 Multiplexed Function 1 Multiplexed Function 2 Multiplexed Function 3 P0_00 GPIO00 SPI0_CLK SPT0_BCLK Not applicable P0_01 GPIO01 SPI0_MOSI SPT0_BFS Not applicable P0_02 GPIO02 SPI0_MISO SPT0_BD0 Not applicable P0_03 GPIO03 SPI0_CS0 SPT0_BCNV SPI2_RDY P0_04 GPIO04 I2C0_SCL Not applicable Not applicable P0_05 GPIO05 I2C0_SDA Not applicable Not applicable P0_06 SWD0_CLK GPIO06 Not applicable Not applicable P0_07 SWD0_DATA GPIO07 Not applicable Not applicable P0_08 GPIO08 BPR0_TONE_N Not applicable Not applicable P0_09 GPIO09 BPR0_TONE_P SPI2_CS1 Not applicable P0_10 GPIO10 UART0_TX Not applicable Not applicable P0_11 GPIO11 UART0_RX Not applicable Not applicable P0_12 GPIO12 SPT0_AD0 Not applicable UART0_SOUT_EN P0_13 GPIO13/SYS_WAKE2 Not applicable Not applicable Not applicable P0_14 GPIO14 TMR0_OUT SPI1_RDY Not applicable P0_15 GPIO15/SYS_WAKE0 Not applicable Not applicable Not applicable 1 Available in WLCSP and LFCSP. Table 30. Signal Multiplexing for Port 11 Pin Multiplexed Function 0 Multiplexed Function 1 Multiplexed Function 2 Multiplexed Function 3 P1_00 GPIO16/SYS_WAKE1 Not applicable Not applicable Not applicable P1_01 SYS_BMODE0 GPIO17 Not applicable Not applicable P1_02 GPIO18 SPI2_CLK Not applicable Not applicable P1_03 GPIO19 SPI2_MOSI Not applicable Not applicable P1_04 GPIO20 SPI2_MISO Not applicable Not applicable P1_05 GPIO21 SPI2_CS0 Not applicable Not applicable P1_06 GPIO22 SPI1_CLK Not applicable RGB_TMR0_1 P1_07 GPIO23 SPI1_MOSI Not applicable RGB_TMR0_2 P1_08 GPIO24 SPI1_MISO Not applicable RGB_TMR0_3 P1_09 GPIO25 SPI1_CS0 Not applicable SWV P1_10 GPIO26 SPI0_CS1 SYS_CLKIN SPI1_CS3 P1_11 GPIO27 Not applicable TMR1_OUT Not applicable P1_12 GPIO28 Not applicable RTC1_SS2 Not applicable P1_13 GPIO29 TMR2_OUT Not applicable Not applicable P1_14 GPIO30 Not applicable SPI0_RDY Not applicable P1_15 GPIO31 SPT0_ACLK UART1_TX Not applicable 1 Available in WLCSP and LFCSP. |