| データシートサーチシステム |
|
ADUCM4050BCBZ-R7 データシート(PDF) 23 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADUCM4050BCBZ-R7 データシート(HTML) 23 Page - Analog Devices |
|
23 / 46 page ![]() Data Sheet ADuCM4050 Rev. A | Page 23 of 46 Pin No. Mnemonic Signal Names Description G7 P2_04 GPIO36, ADC0_VIN1 GPIO. See the GPIO Multiplexing section for more information. G8 GND_ADC Not applicable Ground Pin for Internal ADC. G9 VLDO_OUT Not applicable Low Drop Out Regulator Output. This pin is only for connecting the decoupling capacitor. Do not connect to external load. H1 VBAT_DIG1 Not applicable External Supply for Digital Circuits in the MCU. H2 P2_11 GPIO43, SPI1_CS1, SYS_CLKOUT, RTC1_SS1 GPIO. See the GPIO Multiplexing section for more information. H3 P1_08 GPIO24, SPI1_MISO, RGB_TMR0_3 GPIO. See the GPIO Multiplexing section for more information. H4 P0_07 SWD0_DATA, GPIO07 GPIO. See the GPIO Multiplexing section for more information. H5 P2_12 GPIO44, UART1_TX, SPI2_CS3 GPIO. See the GPIO Multiplexing section for more information. H6 P0_05 GPIO05, I2C0_SDA GPIO. See the GPIO Multiplexing section for more information. H7 P2_07 GPIO39, ADC0_VIN4, SPI2_CS3 GPIO. See the GPIO Multiplexing section for more information. H8 P2_03 GPIO35, ADC0_VIN0 GPIO. See the GPIO Multiplexing section for more information. H9 GND_VREFADC Not applicable Ground for ADC Reference Supply. |