データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADUCM4050BCBZ-R7 データシート(PDF) 21 Page - Analog Devices

部品番号 ADUCM4050BCBZ-R7
部品情報  Ultra Low Power ARM Cortex-M4F MCU with Integrated Power Management
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADUCM4050BCBZ-R7 データシート(HTML) 21 Page - Analog Devices

Back Button ADUCM4050BCBZ-R7 Datasheet HTML 17Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 18Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 19Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 20Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 21Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 22Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 23Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 24Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
Data Sheet
ADuCM4050
Rev. A | Page 21 of 46
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
ADuCM4050
TOP VIEW
(BALL SIDE DOWN)
Not to Scale
1
A
B
C
D
E
F
G
2
3
4
5
6
7
8
H
9
VBAT_DIG2
P0_13
P1_05
P1_02
P3_02
P0_10
P0_03
P0_00
VBAT_ANA1
P1_00
P0_15
P1_04
P3_00
P3_03
P1_10
P0_01
SYS_HFXTAL_OUT
SYS_HFXTAL_IN
P0_14
P2_01
P1_03
P3_01
P0_11
P0_02
GND_ANA
SYS_LFXTAL_OUT
SYS_LFXTAL_IN
P1_13
P1_13
P1_14
P2_02
P1_12
P0_04
P2_06
P2_05
VBAT_ANA2
VDCDC_CAP1N
P1_11
P0_08
P0_09
P2_15
GND_DIG
SYS_HWRST
VBAT_ADC
VDCDC_OUT
VDCDC_CAP1P
P1_01
P1_15
P1_06
P1_09
P2_14
VREFP_ADC
VDCDC_CAP2P
P2_08
VDCDC_CAP2N
P2_00
P0_12
P1_07
P0_06
P2_13
P2_09
P2_04
GND_ADC
VLDO_OUT
P2_11
P1_08
P0_07
P2_12
P0_05
P2_07
P2_03
GND_VREFADC
VBAT_DIG1
Figure 14. 72-Ball WLCSP Pin Configuration
Table 22. 72-Ball WLCSP Pin Function Descriptions
Pin No.
Mnemonic
Signal Names
Description
A1
VBAT_DIG2
Not applicable
External Supply for Digital Circuits in the MCU.
A2
P0_13
GPIO13/SYS_WAKE2
GPIO. See the GPIO Multiplexing section for more information.
A3
P1_05
GPIO21, SPI2_CS0
GPIO. See the GPIO Multiplexing section for more information.
A4
P1_02
GPIO18, SPI2_CLK
GPIO. See the GPIO Multiplexing section for more information.
A5
P3_02
GPIO50, RGB_TMR0_3,
SPT0_AD0
GPIO. See the GPIO Multiplexing section for more information.
A6
P0_10
GPIO10, UART0_TX
GPIO. See the GPIO Multiplexing section for more information.
A7
P0_03
GPIO03, SPI0_CS0, SPT0_BCNV,
SPI2_RDY
GPIO. See the GPIO Multiplexing section for more information.
A8
P0_00
GPIO00, SPI0_CLK, SPT0_BCLK
GPIO. See the GPIO Multiplexing section for more information.
A9
VBAT_ANA1
Not applicable
External Supply for Analog Circuits in the MCU.
B1
P1_00
GPIO16/SYS_WAKE1
GPIO. See the GPIO Multiplexing section for more information.
B2
P0_15
GPIO15/SYS_WAKE0
GPIO. See the GPIO Multiplexing section for more information.
B3
P1_04
GPIO20, SPI2_MISO
GPIO. See the GPIO Multiplexing section for more information.
B4
P3_00
GPIO48, RGB_TMR0_1,
SPT0_ACLK
GPIO. See the GPIO Multiplexing section for more information.
B5
P3_03
GPIO51, SPT0_ACNV
GPIO. See the GPIO Multiplexing section for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46