| データシートサーチシステム |
|
ADUCM4050BCBZ-R7 データシート(PDF) 39 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADUCM4050BCBZ-R7 データシート(HTML) 39 Page - Analog Devices |
|
39 / 46 page ![]() Data Sheet ADuCM4050 Rev. A | Page 39 of 46 Table 31. Signal Multiplexing for Port 2 Pin Availability Multiplexed Function 0 Multiplexed Function 1 Multiplexed Function 2 Multiplexed Function 3 WLCSP LFCSP P2_00 Yes Yes GPIO32 SPT0_AFS UART1_RX Not applicable P2_01 Yes Yes GPIO33/SYS_WAKE3 Not applicable TMR2_OUT Not applicable P2_02 Yes Yes GPIO34 SPT0_ACNV SPI1_CS2 Not applicable P2_03 Yes Yes GPIO35 ADC0_VIN0 Not applicable Not applicable P2_04 Yes Yes GPIO36 ADC0_VIN1 Not applicable Not applicable P2_05 Yes Yes GPIO37 ADC0_VIN2 Not applicable Not applicable P2_06 Yes Yes GPIO38 ADC0_VIN3 Not applicable Not applicable P2_07 Yes Yes GPIO39 ADC0_VIN4 SPI2_CS3 Not applicable P2_08 Yes Yes GPIO40 ADC0_VIN5 SPI0_CS2 RTC1_SS3 P2_09 Yes Yes GPIO41 ADC0_VIN6 SPI0_CS3 Not applicable P2_10 No Yes GPIO42 ADC0_VIN7 SPI2_CS2 Not applicable P2_11 Yes Yes GPIO43 SPI1_CS1 SYS_CLKOUT RTC1_SS1 P2_12 Yes No GPIO44 UART1_TX SPI2_CS3 Not applicable P2_13 Yes No GPIO45 UART1_RX SPI0_CS2 Not applicable P2_14 Yes No GPIO46 SPI0_CS3 Not applicable Not applicable P2_15 Yes No GPIO47 SPI2_CS2 SPI1_CS3 SPI0_CS1 Table 32. Signal Multiplexing for Port 31 Pin Multiplexed Function 0 Multiplexed Function 1 Multiplexed Function 2 Multiplexed Function 3 P3_00 GPIO48 RGB_TMR0_1 SPT0_ACLK Not applicable P3_01 GPIO49 RGB_TMR0_2 SPT0_AFS Not applicable P3_02 GPIO50 RGB_TMR0_3 SPT0_AD0 Not applicable P3_03 GPIO51 Not applicable SPT0_ACNV Not applicable 1 Only available in WLCSP. |