| データシートサーチシステム |
|
STSPIN32G4 データシート(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STSPIN32G4 データシート(HTML) 28 Page - STMicroelectronics |
|
28 / 48 page ![]() Figure 20. Standby timings WAKE Buck reg. 3.3 V lin. reg. Stby reg. output. STBY I2C STBY writing I2C STBY writing I2C STBY writing ENABLED ENABLED DISABLED ENABLED DISABLED DISABLED ENABLED DISABLED DISABLED ENABLED ENABLED DISABLED READY (STBY_RDY = 1) DISABLED VCC > VCC(On) tSTBY tSTBY tWAKE,LDO 5.5 Control logic The MCU drives the high-side and low-side gate drivers independently as listed in Table 14. Table 14. INxL and INxH inputs truth table INHx INLx GHSx GHLx ‘x’ half-bridge condition L L L L Disabled L H L H LS on H L H L HS on H H L L Disabled (interlocking) H H H H Both HS and LS on (no-interlocking) STSPIN32G4 Control logic DS13630 - Rev 1 page 28/48 |