| データシートサーチシステム |
|
STSPIN32G4 データシート(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STSPIN32G4 データシート(HTML) 31 Page - STMicroelectronics |
|
31 / 48 page ![]() Table 18. Driving Logic configuration register Register Bit # Bit name Default Description LOGIC Address 0x02 Protected 7 0 6 1 5 1 4 1 3 VDS_P_DEG 0 Configures the deglitch time for the VDS protection: • 00: Deglitch set to 6 µs (default) • 01: Deglitch set to 4 µs • 10: Deglitch set to 3 µs • 11: Deglitch set to 2 µs 2 0 1 DTMIN 1 Minimum deadtime insertion: Enabled by default, 0 to disable 0 ILOCK 1 Interlocking function: Enabled by default, 0 to disable Table 19. READY output configuration register Register Bit # Bit name Default Description READY Address 0x07 7 0 6 0 5 0 4 0 3 STBY_RDY 1 Signaling of the standby request status: Enabled by default, 0 to disable 2 0 1 THSD_RDY 0 Signaling of the thermal shutdown status: Disabled by default, 1 to enable 0 VCC_UVLO_RDY 1 Signaling of the VCC UVLO status: Enabled by default, 0 to disable STSPIN32G4 Control logic DS13630 - Rev 1 page 31/48 |