データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STSPIN32G4 データシート(PDF) 37 Page - STMicroelectronics

部品番号 STSPIN32G4
部品情報  High performance 3-phase motor controller with embedded STM32G4 MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32G4 データシート(HTML) 37 Page - STMicroelectronics

Back Button STSPIN32G4 Datasheet HTML 33Page - STMicroelectronics STSPIN32G4 Datasheet HTML 34Page - STMicroelectronics STSPIN32G4 Datasheet HTML 35Page - STMicroelectronics STSPIN32G4 Datasheet HTML 36Page - STMicroelectronics STSPIN32G4 Datasheet HTML 37Page - STMicroelectronics STSPIN32G4 Datasheet HTML 38Page - STMicroelectronics STSPIN32G4 Datasheet HTML 39Page - STMicroelectronics STSPIN32G4 Datasheet HTML 40Page - STMicroelectronics STSPIN32G4 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
8
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
STSPIN32G4
Package information
DS13630 - Rev 1
page 37/48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48