データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STSPIN32G4 データシート(PDF) 40 Page - STMicroelectronics

部品番号 STSPIN32G4
部品情報  High performance 3-phase motor controller with embedded STM32G4 MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32G4 データシート(HTML) 40 Page - STMicroelectronics

Back Button STSPIN32G4 Datasheet HTML 36Page - STMicroelectronics STSPIN32G4 Datasheet HTML 37Page - STMicroelectronics STSPIN32G4 Datasheet HTML 38Page - STMicroelectronics STSPIN32G4 Datasheet HTML 39Page - STMicroelectronics STSPIN32G4 Datasheet HTML 40Page - STMicroelectronics STSPIN32G4 Datasheet HTML 41Page - STMicroelectronics STSPIN32G4 Datasheet HTML 42Page - STMicroelectronics STSPIN32G4 Datasheet HTML 43Page - STMicroelectronics STSPIN32G4 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
9
Characterization graphs
The characterization graphs are obtained from measurements on a limited number of samples.
Figure 26. Standby current ISTBY vs. temperature (normalized at ambient temperature)
0,75
0,85
0,95
1,05
1,15
1,25
1,35
-50
-25
0
25
50
75
100
125
Temperature [ °C]
Figure 27. Standby current ISTBY vs. supply voltage VM (normalized at VM = 75V)
0,75
0,80
0,85
0,90
0,95
1,00
1,05
0
10
20
30
40
50
60
70
80
VM [V]
Figure 28. VCC quiescent consumption vs. temperature (normalized at ambient temperature)
STSPIN32G4
Characterization graphs
DS13630 - Rev 1
page 40/48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48