データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS1130 データシート(PDF) 64 Page - ams AG

部品番号 AS1130
部品情報  132-LED Cross-Plexing Driver with Scrolling Function
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS1130 データシート(HTML) 64 Page - ams AG

Back Button AS1130 Datasheet HTML 58Page - ams AG AS1130 Datasheet HTML 59Page - ams AG AS1130 Datasheet HTML 60Page - ams AG AS1130 Datasheet HTML 61Page - ams AG AS1130 Datasheet HTML 62Page - ams AG AS1130 Datasheet HTML 63Page - ams AG AS1130 Datasheet HTML 64Page - ams AG AS1130 Datasheet HTML 65Page - ams AG AS1130 Datasheet HTML 66Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 64 / 66 page
background image
Page 64
ams Datasheet
Document Feedback
[v2-01] 2016-Oct-12
AS1130 − Document Status
Document Status
Product Status
Definition
Product Preview
Pre-Development
Information in this datasheet is based on product ideas in
the planning phase of development. All specifications are
design goals without any warranty and are subject to
change without notice
Preliminary Datasheet
Pre-Production
Information in this datasheet is based on products in the
design, validation or qualification phase of development.
The performance and parameters shown in this document
are preliminary without any warranty and are subject to
change without notice
Datasheet
Production
Information in this datasheet is based on products in
ramp-up to full production or full production which
conform to specifications in accordance with the terms of
ams AG standard warranty as given in the General Terms of
Trade
Datasheet (discontinued)
Discontinued
Information in this datasheet is based on products which
conform to specifications in accordance with the terms of
ams AG standard warranty as given in the General Terms of
Trade, but these products have been superseded and
should not be used for new designs
Document Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66