| データシートサーチシステム |
|
AS1130 データシート(PDF) 45 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS1130 データシート(HTML) 45 Page - ams AG |
|
45 / 66 page ![]() ams Datasheet Page 45 [v2-01] 2016-Oct-12 Document Feedback AS1130 − Register Description Shutdown & Open/Short Register (0x09) Per default this register is set to 0x02. Figure 48: Shutdown & Open/Short Register Format The scan limit (0x04) defines also the number of segments for the open/short detection. 0x09 Shutdown & Open/Short Register Bit Bit Name Default Access Bit Description 7:5 - 000 n/a 4test_all 0 R/W The LED open/short test is performed on all LED locations 0: Disabled (unassembled or disabled LEDs will be detected as open) 1: Enabled (unassembled LEDs will be detected as open) 3auto_test 0 R/W The automatic LED open/short test is started when bit display_pic (0x00) or bit display_movie (0x01) is set to “1” 0: Disabled 1: Enabled 2manual_test 0 R/W The manual LED open/short test is started after the update of Reg0x09 0: Disabled 1: Enabled 1init 1 R/W 0: Initialise control logic (internal state machine is reset again) 1: Normal operation 0shdn 0 R/W 0: Device is in shutdown mode (outputs are turned off, internal state machine stops) 1: Normal operation |