データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS1130 データシート(PDF) 52 Page - ams AG

部品番号 AS1130
部品情報  132-LED Cross-Plexing Driver with Scrolling Function
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS1130 データシート(HTML) 52 Page - ams AG

Back Button AS1130 Datasheet HTML 48Page - ams AG AS1130 Datasheet HTML 49Page - ams AG AS1130 Datasheet HTML 50Page - ams AG AS1130 Datasheet HTML 51Page - ams AG AS1130 Datasheet HTML 52Page - ams AG AS1130 Datasheet HTML 53Page - ams AG AS1130 Datasheet HTML 54Page - ams AG AS1130 Datasheet HTML 55Page - ams AG AS1130 Datasheet HTML 56Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 66 page
background image
Page 52
ams Datasheet
Document Feedback
[v2-01] 2016-Oct-12
AS1130 − Typical Application
Scroll Function
The AS1130 offers a feature for scrolling a picture through the
matrix without the need of communication via a μP. The
scrolling can be done in the whole matrix (12x11) or optimized
for a ticker in a 5x24 matrix (see Figure 54).
Figure 54:
LED Configuration for 5LED Block Scroll Function
In the movie display mode the frame is shown in the matrix at
once. On the contrary in the scroll function the frame is shifted
through the matrix segment after segment (CS0 to CS1 to CS2
to CS3...).
Typical Application
&6
&6
&6
&6
&6
&6
&6
&6
&6
&6
&6
&6













Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66