データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS1130 データシート(PDF) 48 Page - ams AG

部品番号 AS1130
部品情報  132-LED Cross-Plexing Driver with Scrolling Function
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS1130 データシート(HTML) 48 Page - ams AG

Back Button AS1130 Datasheet HTML 44Page - ams AG AS1130 Datasheet HTML 45Page - ams AG AS1130 Datasheet HTML 46Page - ams AG AS1130 Datasheet HTML 47Page - ams AG AS1130 Datasheet HTML 48Page - ams AG AS1130 Datasheet HTML 49Page - ams AG AS1130 Datasheet HTML 50Page - ams AG AS1130 Datasheet HTML 51Page - ams AG AS1130 Datasheet HTML 52Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 66 page
background image
Page 48
ams Datasheet
Document Feedback
[v2-01] 2016-Oct-12
AS1130 − Register Description
AS1130 Status Register (0x0F)
This is a read only register. From this register the actual status
of the AS1130 can be read out. The default setting of this
register is 0x00.
Figure 52:
AS1130 Status Register Format
0x0F AS1130 Status Register
Bit
Bit Name
Default
Access
Bit Description
7:2
frame_on
000000
R
Actual displayed frame
000000: Frame 0
000001: Frame 1
000010: Frame 2
000011: Frame 3
000100: Frame 4
000101: Frame 5
...............
100000: Frame 32
100001: Frame 33
100010: Frame 34
100011: Frame 35
1
movie_on
0
R
0: No movie
1: Movie playing
0test_on
0
R
0: No test is running
1: Open/short test ongoing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66