| データシートサーチシステム |
|
STM32F730Z8 データシート(PDF) 63 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F730Z8 データシート(HTML) 63 Page - STMicroelectronics |
|
63 / 202 page ![]() DS12536 Rev 2 63/202 STM32F730x8 Pinouts and pin description 83 - - 93 H14 PG8 I/O FT - USART6_RTS, FMC_SDCLK, EVENTOUT - - - 94 G12 VSS S - - - - -- - - VDD - - - - - - - 95 H13 VDDUSB S - - - - 37 63 96 H15 PC6 I/O FT - TIM3_CH1, TIM8_CH1, I2S2_MCK, USART6_TX, SDMMC2_D6, SDMMC1_D6, EVENTOUT - 38 64 97 G15 PC7 I/O FT - TIM3_CH2, TIM8_CH2, I2S3_MCK, USART6_RX, SDMMC2_D7, SDMMC1_D7, EVENTOUT - 39 65 98 G14 PC8 I/O FT - TRACED1, TIM3_CH3, TIM8_CH3, UART5_RTS, USART6_CK, SDMMC1_D0, EVENTOUT - 40 66 99 F14 PC9 I/O FTf - MCO2, TIM3_CH4, TIM8_CH4, I2C3_SDA, I2S_CKIN, UART5_CTS, QUADSPI_BK1_IO0, SDMMC1_D1, EVENTOUT - 41 67 100 F15 PA8 I/O FTf - MCO1, TIM1_CH1, TIM8_BKIN2, I2C3_SCL, USART1_CK, OTG_FS_SOF, EVENTOUT - 42 68 101 E15 PA9 I/O FT - TIM1_CH2, I2C3_SMBA, SPI2_SCK/I2S2_CK, USART1_TX, EVENTOUT OTG_FS_VBUS 43 69 102 D15 PA10 I/O FT - TIM1_CH3, USART1_RX, OTG_FS_ID, EVENTOUT - 44 70 103 C15 PA11 I/O FT - TIM1_CH4, USART1_CTS, CAN1_RX, OTG_FS_DM, EVENTOUT - 45 71 104 B15 PA12 I/O FT - TIM1_ETR, USART1_RTS, SAI2_FS_B, CAN1_TX, OTG_FS_DP, EVENTOUT - 46 72 105 A15 PA13(JTMS-SWDIO) I/O FT - JTMS-SWDIO, EVENTOUT - Table 10. STM32F730x8 pin and ball definition (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions |