| データシートサーチシステム |
|
STM32F730Z8 データシート(PDF) 64 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F730Z8 データシート(HTML) 64 Page - STMicroelectronics |
|
64 / 202 page ![]() Pinouts and pin description STM32F730x8 64/202 DS12536 Rev 2 - 73 106 F13 VCAP_2 S - - - - 47 74 107 F12 VSS S - - - - 48 75 108 G13 VDD S - - - - - - - E12 PH13 I/O FT - TIM8_CH1N, UART4_TX, CAN1_TX, FMC_D21, EVENTOUT - - - - E13 PH14 I/O FT - TIM8_CH2N, UART4_RX, CAN1_RX, FMC_D22, EVENTOUT - - - - D13 PH15 I/O FT - TIM8_CH3N, FMC_D23, EVENTOUT - -- - E14 PI0 I/O FT - TIM5_CH4, SPI2_NSS/I2S2_WS, FMC_D24, EVENTOUT - -- - D14 PI1 I/O FT - TIM8_BKIN2, SPI2_SCK/I2S2_CK, FMC_D25, EVENTOUT - -- - C14 PI2 I/O FT - TIM8_CH4, SPI2_MISO, FMC_D26, EVENTOUT - -- - C13 PI3 I/O FT - TIM8_ETR, SPI2_MOSI/I2S2_SD, FMC_D27, EVENTOUT - - - - D9 VSS S - - - - -- - C9 VDD S - - - - 49 76 109 A14 PA14(JTCK- SWCLK) I/O FT - JTCK-SWCLK, EVENTOUT - 50 77 110 A13 PA15(JTDI) I/O FT - JTDI, TIM2_CH1/TIM2_ETR, SPI1_NSS/I2S1_WS, SPI3_NSS/I2S3_WS, UART4_RTS, EVENTOUT - 51 78 111 B14 PC10 I/O FT - SPI3_SCK/I2S3_CK, USART3_TX, UART4_TX, QUADSPI_BK1_IO1, SDMMC1_D2, EVENTOUT - 52 79 112 B13 PC11 I/O FT - SPI3_MISO, USART3_RX, UART4_RX, QUADSPI_BK2_NCS, SDMMC1_D3, EVENTOUT - Table 10. STM32F730x8 pin and ball definition (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions |