| データシートサーチシステム |
|
STM32F730Z8 データシート(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F730Z8 データシート(HTML) 2 Page - STMicroelectronics |
|
2 / 202 page ![]() STM32F730x8 2/202 DS12536 Rev 2 – 1 x CAN (2.0B active) – 2 x SDMMCs • Advanced connectivity – USB 2.0 full-speed device/host/OTG controller with on-chip PHY – USB 2.0 high-speed/full-speed device/host/OTG controller with dedicated DMA, on-chip full-speed PHY and on-chip Hi-speed PHY or ULPI depending on the part number • AES: 128/256-bit key encryption hardware accelerator • True random number generator • CRC calculation unit • RTC: subsecond accuracy, hardware calendar • 96-bit unique ID Table 1. Device summary Reference Part number STM32F730x8 STM32F730R8, STM32F730V8, STM32F730Z8, STM32F730I8 |