| データシートサーチシステム |
|
STM32MP157D データシート(PDF) 65 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32MP157D データシート(HTML) 65 Page - STMicroelectronics |
|
65 / 261 page ![]() DS12504 Rev 6 65/261 STM32MP157A/D Pinouts, pin description and alternate functions 121 - - F2 F1 PI7 I/O FT - TIM8_CH3, SAI2_FS_A, DCMI_D7, LCD_B7, EVENTOUT - - A19 A23 A19 VSS S - - - - - - G1 H5 PZ1 I/O FT_fh - I2C6_SDA, I2C2_SDA, I2C5_SDA, SPI1_MISO/I2S1_SDI, I2C4_SDA, USART1_RX, SPI6_MISO, EVENTOUT - - - G4 F4 PZ3 I/O FT_f - I2C6_SDA, I2C2_SDA, I2C5_SDA, SPI1_NSS/I2S1_WS, I2C4_SDA, USART1_CTS/USART1_NSS, SPI6_NSS, EVENTOUT - - - H4 J5 PI9 I/O FT - HDP1, UART4_RX, FDCAN1_RX, LCD_VSYNC, EVENTOUT - - - G3 G2 PZ0 I/O FT_fh - I2C6_SCL, I2C2_SCL, SPI1_SCK/I2S1_CK, USART1_CK, SPI6_SCK, EVENTOUT - - - J4 K5 PZ2 I/O FT_fh - I2C6_SCL, I2C2_SCL, I2C5_SMBA, SPI1_MOSI/I2S1_SDO, I2C4_SMBA, USART1_TX, SPI6_MOSI, EVENTOUT - - - G2 G1 PZ4 I/O FT_f - I2C6_SCL, I2C2_SCL, I2C5_SCL, I2C4_SCL, EVENTOUT - G1 B2 - A22 VSS S - - - - D1 F1 K4 J4 PG12 I/O FT_h - LPTIM1_IN1, SPI6_MISO, SAI4_CK2, USART6_RTS/USART6_DE, SPDIFRX_IN2, LCD_B4, SAI4_SCK_A, ETH1_PHY_INTN, FMC_NE4, LCD_B1, EVENTOUT - - - H2 H4 PZ5 I/O FT_f - I2C6_SDA, I2C2_SDA, I2C5_SDA, I2C4_SDA, USART1_RTS/USART1_DE, EVENTOUT - - E9 - - VDDCORE S - - - - - - H1 G3 PZ6 I/O FT_f - I2C6_SCL, I2C2_SCL, USART1_CK, I2S1_MCK, I2C4_SMBA, USART1_RX, EVENTOUT - - - J3 H3 PZ7 I/O FT_f - I2C6_SDA, I2C2_SDA, USART1_TX, EVENTOUT - Table 7. STM32MP157A/D pin and ball definitions (continued) Pin Number Pin name (function after reset) Pin functions Alternate functions Additional functions |