データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32MP157D データシート(PDF) 26 Page - STMicroelectronics

部品番号 STM32MP157D
部品情報  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, 3D GPU, TFT/DSI, 37 comm. interfaces, 29 timers, adv. analog
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP157D データシート(HTML) 26 Page - STMicroelectronics

Back Button STM32MP157D Datasheet HTML 22Page - STMicroelectronics STM32MP157D Datasheet HTML 23Page - STMicroelectronics STM32MP157D Datasheet HTML 24Page - STMicroelectronics STM32MP157D Datasheet HTML 25Page - STMicroelectronics STM32MP157D Datasheet HTML 26Page - STMicroelectronics STM32MP157D Datasheet HTML 27Page - STMicroelectronics STM32MP157D Datasheet HTML 28Page - STMicroelectronics STM32MP157D Datasheet HTML 29Page - STMicroelectronics STM32MP157D Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 261 page
background image
Functional overview
STM32MP157A/D
26/261
DS12504 Rev 6
3.6
TrustZone address space controller for DDR (TZC)
TZC is used to filter read/write accesses to DDR controller according to TrustZone rights
and according to non-secure master (NSAID) on up to 9 programmable regions.
•
Configuration is supported by trusted software only
•
2 filter units working concurrently
•
9 regions:
–
region 0 is always enabled and covers the whole address range.
–
regions 1 to 8 have programmable base/end address and can be assigned to any
one or both filters.
•
Secure and non-secure access permissions programmed per region
•
Non-secure accesses are filtered according to NSAID
•
Regions controlled by same filter must not overlap
•
Fail modes with error and/or interrupt
•
Acceptance capability = 256
•
Gate keeper logic to enable and disable of each filter
•
Speculative accesses